|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
D TYPE CONNECTOR HOOD Top or 45 Cable Entry Lightweight Construction Nickel Plated over Copper on ABS 9, 15, 25, 37 or 50* way *Top Entry Only METALISED PLASTIC HOODS OUTLINE DRAWING TopEntry TopEntry Shell C A 31.1 39.1 53.1 69.3 67.2 B 35.5 38.8 42.0 46.5 47.1 C 16.3 16.3 18.0 23.0 23.9 D 16.3 16.3 16.3 16.3 19.1 C B B 9WAY 15WAY 25WAY 37WAY 50WAY Dimension-mm SECTION 11 AA 45 Entry 45 Entry A D D C C Shell 9WAY 15WAY 25WAY 37WAY Dimension-mm A 31.1 39.1 53.1 69.3 B 37.2 40.6 44.1 45.7 C 16.3 16.3 18.0 22.4 D 16.3 16.3 16.3 16.3 B B A D D ORDERING INFORMATION DBC Dubilier Connectors D Dstyle MPH HoodStyle MPH= MetalisedPlastic Hood MPH45= MetalisedPlastic Hood45 09 NofWays 09=9ways 15=15ways 25=25ways 37=37ways *50=50ways Options Blank=Short Screw 276 Fax: 01371 875075 www.dubilier.co.uk Tel: 01371 875758 |
Price & Availability of DBCDMPH50 |